PART |
Description |
Maker |
BC327-25 BC327-40 BC327 BC327-16 BC327_3 BC327/RR |
MAX 3000A CPLD 64 MC 100-TQFP PNP general purpose transistor Amplifier Transistors(PNP) From old datasheet system
|
PHILIPS[Philips Semiconductors] Motorola Inc NXP Semiconductors
|
2PB709ART |
45 V, 100 mA PNP general-purpose transistor
|
Nexperia
|
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PMBT3906YS PMBT3906YS115 |
40 V, 200 mA PNP/PNP general-purpose double transistor 40 V, 200 mA PNP-PNP general-purpose double transistor 40 V, 200 mA PNP/PNP general-purpose double transistor; Package: SOT363 (SC-88); Container: Tape reel smd
|
NXP Semiconductors N.V.
|
BC327-16 BC328-16 BC327 BC327-25 BC327-40 BC328-40 |
Si-Epitaxial PlanarTransistors 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE/ SWITCHING) Amplifier Transistors(PNP) PNP general purpose transistor
|
KEC(Korea Electronics) Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Motorola Inc Philips Semiconductors
|
NSBA123JF3T5G NSBA123TF3T5G NSBA143EF3T5G NSBA143Z |
BRT, PNP, 50 V, 100 mA, 100 k, none, SOT-1123 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Digital Transistors (BRT)
|
ON Semiconductor
|
CSB1058A CSB1058B |
0.750W General Purpose PNP Plastic Leaded Transistor. 16V Vceo, 2.000A Ic, 100 - 240 hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 16V Vceo, 2.000A Ic, 200 - 400 hFE
|
Continental Device India Limited
|
DDTA143FCA-7 DDTA113ZCA-7 |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 TRANS PREBIASED PNP 200MW SOT-23 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
PMP5201G PMP5201V PMP5201Y PMP5201Y115 PMP5201Y135 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2N4402 2N4403 ON0046 2N4403RLRE |
General Purpose Transistors PNP General Purpose Transistors(PNP Silicon) Motorola Preferred Device From old datasheet system
|
ONSEMI[ON Semiconductor]
|
BC557 BC556B BC556A BC557B BC556 BC557C BC558 |
PNP Silicon Planar Epitaxial Transistors 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 65 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
|